Part Number Hot Search : 
100LX TMC261 SA2011 1A5157M0 7323600 34538 580024 00201
Product Description
Full Text Search
 

To Download TIP10503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TIP105
PNP SILICON POWER DARLINGTON TRANSISTOR
s
s
s
STMicroelectronics PREFERRED SALESTYPE INTEGRATED ANTIPARALLEL COLLECTOR-EMITTER DIODE hFE CLASSIFICATION
APPLICATIONS LINEAR AND SWITCHING INDUSTRIAL EQUIPMENT s AUDIO POWER AMPLIFIER s GENERAL POWER SWITCHING s DC-AC CONVERTER s EASY DRIVER FOR LOW VOLTAGE DC MOTOR
s
3 1 2
TO-220
DESCRIPTION The TIP105 is a silicon Epitaxial-Base PNP transistor in monolithic Darlington configuration mounted in TO-220 plastic package intented for use in power linear and switching applications. The preferred complementary NPN type is the TIP102.
INTERNAL SCHEMATIC DIAGRAM
R1 Typ. = 5 K
R2 Typ. = 150
ABSOLUTE MAXIMUM RATINGS
Symbol V CBO V CEO V EBO IC I CM IB P tot T stg Tj Parameter Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current Base Current Total Dissipation at T case 25 o C o T amb 25 C Storage Temperature Max. Operating Junction Temperature Value -60 -60 -5 -8 -15 -1 80 2 -65 to 150 150 Unit V V V A A A W W
o o
C C
April 2003
1/5
TIP105
THERMAL DATA
R thj-case R thj-amb Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max Max 1.56 62.5
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CEO I CBO I EBO Parameter Collector Cut-off Current (I B = 0) Collector Cut-off Current (I E = 0) Emitter Cut-off Current (I C = 0) Test Conditions V CE = -30 V V CE = -60 V V EB = -5 V I C = -30 mA -60 Min. Typ. Max. -50 -50 -8 Unit A A mA V
VCEO(sus) * Collector-Emitter Sustaining Voltage (I B = 0) V CE(sat) * V BE * h FE * Collector-Emitter Saturation Voltage Base-Emitter Voltage DC Current Gain
I C = -3 A I C = -8 A I C = -8 A I C = -3 A I C = -8 A I C = -3 A Group R Group O Group Y I F = - I C = 10 A
I B = -6 mA I B = -80 mA V CE = -4 V V CE = -4 V V CE = -4 V V CE = -4 V 2000 200 2000 4000 8000
-2 -2.5 -2.8 18000
V V V
5000 9000 18000 -2.8 V
VF *
Forward Voltage of Commutation Diode (I B = 0)
The product is pre-selected in DC current gain (Group R, Group O and Group Y). STMicroelectronics reserves the right to ship either groups according to production availability. Please contact your nearest STMicrolectronics sales office for delivery datails.
Safe Operating Area
DC Current Gain
2/5
TIP105
Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
3/5
TIP105
TO-220 MECHANICAL DATA
DIM. A C D E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 M DIA. 3.75 13.00 2.65 15.25 6.20 3.50 2.60 3.85 0.147 mm MIN. 4.40 1.23 2.40 0.49 0.61 1.14 1.14 4.95 2.40 10.00 16.40 14.00 2.95 15.75 6.60 3.93 0.511 0.104 0.600 0.244 0.137 0.102 0.151 TYP. MAX. 4.60 1.32 2.72 0.70 0.88 1.70 1.70 5.15 2.70 10.40 MIN. 0.173 0.048 0.094 0.019 0.024 0.044 0.044 0.194 0.094 0.394 0.645 0.551 0.116 0.620 0.260 0.154 inch TYP. MAX. 0.181 0.052 0.107 0.027 0.034 0.067 0.067 0.202 0.106 0.409
P011CI
4/5
TIP105
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
5/5


▲Up To Search▲   

 
Price & Availability of TIP10503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X